Part Number Hot Search : 
12MS6 6OPZS600 1DU90N1T IS829 BDX53A 29F16 351703 DTA11
Product Description
Full Text Search
 

To Download SM5818 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SM5817
THRU
SM5819
1.0 AMP SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
VOLTAGE RANGE
20 to 40 Volts
CURRENT FEATURES
* Low forward voltage drop * Low leakage current * High reliability
1.0 Ampere
SM-1
MECHANICAL DATA
* Case: Molded plastic * Epoxy: UL 94V-0 rate flame retardant * Metallurgically bonded construction * Polarity: Color band denotes cathode end * Mounting position: Any * Weight: 0.015 grams
.205(5.2) .190(4.8)
.024(.60) .018(.46)
SOLDERABLE ENDS
.105(2.7) .095(2.4)
Dimensions in inches and (millimeters)
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Rating 25 C ambient temperature uniess otherwies specified. Single phase half wave, 60Hz, resistive or inductive load. For capacitive load, derate current by 20%.
TYPE NUMBER
Maximum Recurrent Peak Reverse Voltage Maximum RMS Voltage Maximum DC Blocking Voltage Maximum Average Forward Rectified Current See Fig. 2 Peak Forward Surge Current, 8.3 ms single half sine-wave superimposed on rated load (JEDEC method) Maximum Instantaneous Forward Voltage at 1.0A Maximum DC Reverse Current Ta=25 C at Rated DC Blocking Voltage Typical Junction Capacitance (Note1) Typical Thermal Resistance RJA (Note 2) Operating Temperature Range TJ Storage Temperature Range TSTG
NOTES:
SM5817 20 14 20
SM5818 30 21 30 1.0 25
SM5819 40 28 40
UNITS V V V A A V mA mA pF C/W C C
0.45
0.55 1.0 10 110 80 -65 +125 -65 +150
0.60
Ta=100 C
1. Measured at 1MHz and applied reverse voltage of 4.0V D.C. 2. Thermal Resistance Junction to Ambient.
216
RATING AND CHARACTERISTIC CURVES (SM5817 THRU SM5819)
FIG.1-TYPICAL FORWARD CHARACTERISTICS
AVERAGE FORWARD CURRENT,(A)
FIG.2-TYPICAL FORWARD CURRENT DERATING CURVE
50
INSTANTANEOUS FORWARD CURRENT,(A)
1.2 1.0 0.8 0.6 0.4 0.2 0
Single Phase Half Wave 60Hz Resistive Or Inductive Load
10
7 SM 5
1.0
Tj=25 C Pulse Width 300us 1% Duty Cycle
SM
3.0
58
18
~S M
81
58
19
0
20
40
60
80
100
120
140
160
180
200
AMBIENT TEMPERATURE ( C) FIG.4-MAXIMUM NON-REPETITIVE FORWARD SURGE CURRENT
PEAK FORWAARD SURGE CURRENT,(A)
25
0.1
.01
.1
.3
.5
.7
.9
1.1
1.3
1.5
20
FORWARD VOLTAGE,(V)
15
Tj=25 C 8.3ms Single Half Sine Wave JEDEC method
10
5
FIG.3 - TYPICAL REVERSE CHARACTERISTICS 100
0 1 5 10 50 100
NUMBER OF CYCLES AT 60Hz
REVERSE LEAKAGE CURRENT, (mA)
10
FIG.5-TYPICAL JUNCTION CAPACITANCE
350 300 250 200 150 100 50 0
1.0
Tj=75 C
.1
Tj=25 C
.01 0
JUNCTION CAPACITANCE,(pF)
20
40
60
80
100 120 140
.01
.05
.1
.5
1
5
10
50
100
PERCENTAGE RATED PEAK REVERSE VOLTAGE
REVERSE VOLTAGE,(V)
217


▲Up To Search▲   

 
Price & Availability of SM5818

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X